|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOSEL VITELIC V43648Z04V(C)TG-75 3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM PRELIMINARY Features s Using 8M x 8 SDRAMs s JEDEC-standard 144 pin, Small-Outline, Dual in line Memory Module (SODIMM) s Serial Presence Detect with E2PROM s Fully Synchronous, All Signals Registered on Positive Edge of System Clock s Single +3.3V ( 0.3V) Power Supply s All Device Pins are LVTTL Compatible s 4096 Refresh Cycles every 64 ms s Self-Refresh Mode s Internal Pipelined Operation; Column Address can be changed every System Clock s Programmable Burst Lengths: 1, 2, 4, 8 or Full Page s Auto Precharge and Precharge all Banks by A10 s Data Mask Function by DQM s Mode Register Set Programming s Programmable (CAS Latency: 3 Clocks) Description The V43648Z04V(C)TG-75 memory module is organized 8,388,608 x 64 bits in a 144 pin SODIMM. The 8M x 64 memory module uses 8 Mosel-Vitelic 8M x 8 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required. Part Number V43648Z04V(C)TG75 Speed Grade -75 (133 MHz) Configuration 8M x 64 8M x 8 8M x 8 8M x 8 8M x 8 1 59 61 143 Pin 2 on Backside Pin 144 on Backside V43648Z04V(C)TG-75 Rev. 1.3 October 2000 1 MOSEL VITELIC Pin Configurations (Front Side/Back Side) Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Front VSS VSS DQ0 DQ32 DQ1 DQ33 DQ2 DQ34 DQ3 DQ35 VDD VDD DQ4 DQ36 DQ5 DQ37 DQ6 DQ38 DQ7 DQ39 VSS VSS DQMB0 DQMB4 Pin 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Front DQMB1 DQMB5 VDD VDD A0 A3 A1 A4 A2 A5 VSS VSS DQ8 DQ40 DQ9 DQ41 DQ10 DQ42 DQ11 DQ43 VDD VDD DQ12 DQ44 Pin 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Front DQ13 DQ45 DQ14 DQ46 DQ15 DQ47 VSS VSS NC NC NC NC CLK0 CKE0 VDD VDD RAS CAS WE NC CS0 NC NC NC Pin 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 Back NC CLK1 VSS VSS NC NC NC NC VDD VDD DQ16 DQ48 DQ17 DQ49 DQ18 DQ50 DQ19 DQ51 VSS VSS DQ20 DQ52 DQ21 DQ53 Pin 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 V43648Z04V(C)TG-75 Back DQ22 DQ54 DQ23 DQ55 VDD VDD A6 A7 A8 BA0 VSS VSS A9 BA1 A10 A11 VDD VDD DQMB2 DQMB6 DQMB3 DQMB7 VSS VSS Pin 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 Back DQ24 DQ56 DQ25 DQ57 DQ26 DQ58 DQ27 DQ59 VDD VDD DQ28 DQ60 DQ29 DQ61 DQ30 DQ62 DQ31 DQ63 VSS VSS SDA SCL VDD VDD Note: 1. RAS, CAS, WE CASx, CSx are active low signals. Pin Names A0-A11, BA0, BA1 DQ0-DQ63 RAS CAS WE CS0 DQMB0-DQMB7 CKE0 CLK0-CLK1 SDA SCL VDD VSS NC Address, Bank Select Data Inputs/Outputs Row Address Strobes Column Address Strobes Write Enable Chip Select Output Enable Clock Enable Clock Serial Input/Output Serial Clock Power Supply Ground No Connect (Open) V43648Z04V(C)TG-75 Rev. 1.3 October 2000 2 MOSEL VITELIC Part Number Information V MOSEL-VITELIC MANUFACTURED SDRAM V43648Z04V(C)TG-75 4 3 64 8 Z 0 4 V C T G - 75 75 (133MHz) PC133 GOLD TSOP 3.3V WIDTH DEPTH 144 PIN UNBUFFERED SODIMM x8 COMPONENT LVTTL 4 BANKS REFRESH RATE 4K V43648Z04V(C)TG-75-02 Component Revision Level Blank = REV B C = REV C Block Diagram CS0 WE RAS CAS DQMB0 DQ0-7 DQM DQMB4 DQM U0 DQ32-39 U4 DQMB1 DQ8-15 DQM DQMB5 DQM U1 DQ40-47 U5 DQMB2 DQ16-23 DQM DQMB6 DQM U2 DQ48-55 U6 DQMB3 DQ24-31 DQM DQMB7 DQM U3 DQ56-63 U7 VDD VSS A0-A11 BA0-BA1 CKE U0-U7 CK0 U0-U7 10 U0, U4 10 U1, U5 10 U2, U6 CK1 10 U3, U7 SPD SCL A0 A1 A2 SDA U0-U7 V43648Z04V(C)TG-75-03 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 3 MOSEL VITELIC Serial Presence Detect Information A serial presence detect storage device E PROM - is assembled onto the module. Information about the module configuration, speed, etc. is 2 V43648Z04V(C)TG-75 written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus) SPD-Table for 75 modules: Hex Value Byte Number 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Function Described Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for x 8 SDRAM) Number of DIMM Banks Module Data Width Module Data Width (continued) Module Interface Levels SDRAM Cycle Time at CL=3 SDRAM Access Time from Clock at CL=3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM Data Width Minimum Clock Delay from Back to Back Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General Minimum Clock Cycle Time at CAS Latency = 2 Maximum Data Access Time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1 Minimum Row Precharge Time Minimum Row Active to Row Active Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS SPD Entry Value 128 256 SDRAM 12 9 1 64 0 LVTTL 7.5 ns 5.4 ns none Self-Refresh, 15.6s x8 n/a / x8 tccd = 1 CLK 1, 2, 4, 8 & full Page 4 CL = 3 CS Latency = 0 WL = 0 Non Buffered/Non Reg. Vcc tol 10% Not Supported Not Supported Not Supported Not Supported 20 ns 15 ns 20 ns 45 ns 8Mx64 80 08 04 0C 09 01 40 00 01 75 54 00 80 08 00 01 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 8F 04 04 01 01 00 0E 00 00 00 00 14 0F 14 2D V43648Z04V(C)TG-75 Rev. 1.3 October 2000 4 MOSEL VITELIC SPD-Table for 75 modules: (Continued) V43648Z04V(C)TG-75 Hex Value Byte Number 31 32 33 34 35 62-61 62 63 64 65-71 72 73-90 91-92 93 94 95-98 99-125 126 127 128+ Function Described Module Bank Density (Per Bank) SDRAM Input Setup Time SDRAM Input Hold Time SDRAM Data Input Setup Time SDRAM Data Input Hold Time Superset Information (May be used in Future) SPD Revision Checksum for Bytes 0 - 62 Manufacturer's JEDEC ID Code Manufacturer's JEDEC ID Code (cont.) Manufacturing Location Module Part Number (ASCII) PCB Identification Code Assembly Manufacturing Date (Year) Assembly Manufacturing Date (Week) Assembly Serial Number Reserved Intel Specification for Frequency Reserved Unused Storage Location SPD Entry Value 64 Mbyte 1.5 ns 0.8 ns 1.5 ns 0.8 ns 8Mx64 10 15 08 15 08 00 Revision 2 02 8C Mosel Vitelic 40 00 1 = US, 2 = Taiwan V43648Z04V(C)TG-75 Current PCB Revision Binary Coded year (BCD) Binary Coded week (BCD) byte 95 = LSB, byte 98 = MSB 00 64 00 00 TA = 0C to 70C; VSS = 0 V; VDD, VDDQ = 3.3V 0.3V Limit Values Symbol VIH VIL VOH VOL II(L) IO(L) DC Characteristics Parameter Input High Voltage Input Low Voltage Output High Voltage (IOUT = -2.0 mA) Output Low Voltage (IOUT = 2.0 mA) Input Leakage Current, any input (0 V < VIN < 3.6 V, all other inputs = 0V) Output leakage current (DQ is disabled, 0V < VOUT < VCC) Min. 2.0 -0.5 2.4 -- -10 Max. VCC+0.3 0.8 -- 0.4 10 Unit V V V V A A -10 10 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 5 MOSEL VITELIC TA = 0C to 70C; VDD = 3.3V 0.3V, f = 1 MHz Symbol CI1 CI2 CICL CI3 CI4 CI0 CSC V43648Z04V(C)TG-75 Capacitance Parameter Input Capacitance (A0 to A11, RAS, CAS, WE) Input Capacitance (CS0) Input Capacitance (CLK0-CLK1) Input Capacitance (CKE0) Input Capacitance (DQMB0-DQMB7) Input/Output Capacitance (DQ0-DQ63) Input Capacitance (SCL, SA0-2) Limit Values 10 10 30 10 10 10 10 Unit pF pF pF pF pF pF pF Standby and Refresh Currents1 TA = 0C to 70C, VCC = 3.3V 0.3V Symbol Parameter ICC1 Operating Current Test Conditions Burst length = 4, CL = 3 tRC> = tRC(min), tCK> = tCK(min), IO = 0 mA 2 Bank Interleave Operation CKE< = VIL(max), tCK> = tCK(min) CKE> = VIH(min), tCK> = tCK(min), Input changed once in 3 cycles 8M x 64 1200 Unit mA Note 1,2 ICC2P ICC2N Precharged Standby Current in Power Down Mode Precharged Standby Current in Non-Power Down Mode 16 mA 360 mA CS = High ICC3P ICC3N ICC4 Active Standby Current in Power Down Mode Active Standby Current in Non-Power Down Mode Burst Operating Current CKE< = VIL(max), tCK> = tCK(min) CKE> = VIH(min), tCK> = tCK(min), Input changed one time Burst length = Full Page, tRC = Infinite, CL = 3, tCK> = tCK(min), IO = 0 mA 2 Banks Activated tRC>= tRC(min) CKE = <0,2 V L-Version 64 mA 440 mA CS = High 1, 2 960 mA ICC5 ICC6 Auto Refresh Current Self Refresh Current 1200 8 3.2 mA mA mA 1,2 1,2 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 6 MOSEL VITELIC AC Characteristics V43648Z04V(C)TG-75 TA = 0 to 70C; VSS = 0V; VCC = 3.3V 0.3V, tT = 1 ns Limit Values -75 # Symbol Parameter Min. Max. Unit Note Clock and Clock Enable 1 tCK Clock Cycle Time CAS Latency = 3 CAS Latency = 2 Clock Frequency CAS Latency = 3 CAS Latency = 2 Access Time from Clock CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Transition Tim 7.5 10 - - s ns ns 2 tCK - - 133 100 MHz MHz 2, 4 3 tAC - _ 2.5 2.5 0.3 5.4 6 - - 1.2 ns ns ns ns ns 4 5 6 tCH tCL tT Setup and Hold Times 7 8 9 10 11 12 tIS tIH tCKS tCKH tRSC tSB Input Setup Time Input Hold Time Input Setup Time CKE Hold Time Mode Register Set-up Time Power Down Mode Entry Time 1.5 0.8 1.5 0.8 15 0 - - - - - 7.5 ns ns ns ns ns ns 5 5 5 5 Common Parameters 13 14 15 16 17 18 tRCD tRP tRAS tRC tRRD tCCD Row to Column Delay Time Row Precharge Time Row Active Time Row Cycle Time Activate(a) to Activate(b) Command Period CAS(a) to CAS(b) Command Period 20 20 45 60 15 1 - - 100K - - - ns ns ns ns ns CLK 6 6 6 6 6 Refresh Cycle 19 20 tREF tSREX Refresh Period (4096 cycles) Self Refresh Exit Time -- 64 ms ns 10 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 7 MOSEL VITELIC AC Characteristics TA = 0 to 70C; VSS = 0V; VCC = 3.3V 0.3V, tT = 1 ns (Continued) V43648Z04V(C)TG-75 Limit Values -75 # Symbol Parameter Min. Max. Unit Note Read Cycle 21 22 23 24 tOH tLZ tHZ tDQZ Data Out Hold Time Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency 2.7 1 - - - - 5.4 2 ns ns ns CLK 7 2 Write Cycle 25 26 tWR tDQW Write Recovery Time DQM Write Mask Latency 1 0 - - CLK CLK Notes: 1. The specified values are valid when addresses are changed no more than once during tCK(min.) and when No Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module bank. 2. The specified values are valid when data inputs (DQ's) are stable during tRC(min.). 3. All AC characteristics are shown for device level. An initial pause of 100 s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 4. AC timing tests have VIL = 0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with a input signal of 1V / ns edge rate between 0.8V and 2.0V. tCH 2.4V CLOCK 0.4V + 1.4 V 50 Ohm Z=50 Ohm I/O 50 pF tCL tSETUP tHOLD tT INPUT 1.4V tAC tLZ tOH tAC I/O 50 pF 1.4V OUTPUT Measurement conditions for tac and toh tHZ V43648Z04V(C)TG-75 Rev. 1.3 October 2000 8 MOSEL VITELIC V43648Z04V(C)TG-75 5. If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter. 6. Rated at 1.5V 7. If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter. 8. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. 9. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. 10. Referenced to the time which the output achieves the open circuit condition, not to output voltage levels. 11. tDAL is equivalent to tDPL + tRP. Package Diagram 144 Pin SODIMM 0.039 1.25 .787 Typ. .157 1 28 29 143 Pin 2 on Backside 2.661 Pin 144 on Backside 0.140 NOTE: 1. All dimensions in inches. Tolerances 0.005 unless otherwise specified. V43648Z04V(C)TG-75-04 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 9 MOSEL VITELIC Label Information MOSEL VITELIC Part Number Criteria of PC100 or PC133 (refer to MVI datasheet) V43648Z04V(C)TG-75 V43648Z04VCTG-75 PC133U-333-542-A Taiwan XXXX-XXXXXXX DIMM manufacture date code Trace Code PC133 U - 333 - 54 2 - A UNBUFFERED DIMM CL = 3 (CLK) tRCD = 3 (CLK) tRP = 3 (CLK) Gerber file Intel(R) PC100 x 8 Based JEDEC SPD Revision 2.0 tAC = 5.4 ns V43648Z04V(C)TG-75-05 V43648Z04V(C)TG-75 Rev. 1.3 October 2000 10 MOSEL VITELIC U.S.A. 3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952 WORLDWIDE OFFICES TAIWAN 7F, NO. 102 MIN-CHUAN E. ROAD, SEC. 3 TAIPEI PHONE: 886-2-2545-1213 FAX: 886-2-2545-1209 NO 19 LI HSIN ROAD SCIENCE BASED IND. PARK HSIN CHU, TAIWAN, R.O.C. PHONE: 886-3-579-5888 FAX: 886-3-566-5888 V43648Z04V(C)TG-75 UK & IRELAND SUITE 50, GROVEWOOD BUSINESS CENTRE STRATHCLYDE BUSINESS PARK BELLSHILL, LANARKSHIRE, SCOTLAND, ML4 3NQ PHONE: 44-1698-748515 FAX: 44-1698-748516 SINGAPORE 10 ANSON ROAD #23-13 INTERNATIONAL PLAZA SINGAPORE 079903 PHONE: 65-3231801 FAX: 65-3237013 HONG KONG 19 DAI FU STREET TAIPO INDUSTRIAL ESTATE TAIPO, NT, HONG KONG PHONE: 852-2666-3307 FAX: 852-2664-2406 JAPAN ONZE 1852 BUILDING 6F 2-14-6 SHINTOMI, CHUO-KU TOKYO 104-0041 PHONE: 03-3537-1400 FAX: 03-3537-1402 GERMANY (CONTINENTAL EUROPE & ISRAEL) BENZSTRASSE 32 71083 HERRENBERG GERMANY PHONE: +49 7032 2796-0 FAX: +49 7032 2796 22 U.S. SALES OFFICES NORTHWESTERN 3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952 SOUTHWESTERN 302 N. EL CAMINO REAL #200 SAN CLEMENTE, CA 92672 PHONE: 949-361-7873 FAX: 949-361-7807 CENTRAL, NORTHEASTERN & SOUTHEASTERN 604 FIELDWOOD CIRCLE RICHARDSON, TX 75081 PHONE: 972-690-1402 FAX: 972-690-0341 (c) Copyright 2000, MOSEL VITELIC Inc. 10/00 Printed in U.S.A. The information in this document is subject to change without notice. MOSEL VITELIC makes no commitment to update or keep current the information contained in this document. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of MOSEL-VITELIC. MOSEL VITELIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. MOSEL VITELIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications. MOSEL VITELIC 3910 N. First Street, San Jose, CA 95134-1501 Ph: (408) 433-6000 Fax: (408) 433-0952 Tlx: 371-9461 |
Price & Availability of V43648Z04VCTG-75 |